Part Number Hot Search : 
2SB1292 2SB1292 AP9918GJ 40008 MCP1630 BZX85C12 1N6006 A7912
Product Description
Full Text Search
 

To Download GJ20T03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Pb Free Plating Product
ISSUED DATE :2005/11/24 REVISED DATE :
GJ20T 03
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
30V 50m 12.5A
Description
The GJ20T03 provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-252 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. *Low Gate Charge *Simple Drive Requirement *Fast Switching Characteristic
Features
Package Dimensions TO-252
REF. A B C D E F S
Millimeter Min. Max. 6.40 6.80 5.20 5.50 6.80 7.20 2.40 3.00 2.30 REF. 0.70 0.90 0.60 0.90
REF. G H J K L M R
Millimeter Min. Max. 0.50 0.70 2.20 2.40 0.45 0.55 0 0.15 0.90 1.50 5.40 5.80 0.80 1.20
Absolute Maximum Ratings
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1
Symbol VDS VGS ID @TC=25 : ID @TC=100 : IDM PD @TC=25 : Tj, Tstg
Ratings 30 20 12.5 8 40 12.5 0.1 -55 ~ +150
Unit V V A A A W W/ : :
Total Power Dissipation Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Symbol Rthj-c Rthj-a Value 10 110 Unit : /W : /W
GJ20T03
Page: 1/4
ISSUED DATE :2005/11/24 REVISED DATE :
Electrical Characteristics (Tj = 25 : unless otherwise specified)
Parameter Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Symbol BVDSS
BVDSS / Tj
Min. 30 1.0 -
Typ. 0.02 6 4 1.5 2.3 6 30 10 3 270 70 50
Max. 3.0 100 1 25 50 80 7 430 -
Unit V V/ : V S nA uA uA m
Test Conditions VGS=0, ID=250uA Reference to 25 : , ID=1mA VDS=VGS, ID=250uA VDS=10V, ID=5A VGS= 20V VDS=30V, VGS=0 VDS=24V, VGS=0 VGS=10V, ID=8A VGS=4.5V, ID=5A ID=10A VDS=24V VGS=4.5V VDS=15V ID=10A VGS=10V RG=3.3 RD=1.5 VGS=0V VDS=25V f=1.0MHz
Gate Threshold Voltage Forward Transconductance Gate-Source Leakage Current
Drain-Source Leakage Current(Tj=25 : ) Drain-Source Leakage Current(Tj=150 : )
VGS(th) gfs IGSS IDSS
Static Drain-Source On-Resistance2 Total Gate Charge2 Gate-Source Charge Gate-Drain ("Miller") Change Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(ON) Qg Qgs Qgd Td(on) Tr Td(off) Tf Ciss Coss Crss
nC
ns
pF
Source-Drain Diode
Parameter Forward On Voltage
2 2
Symbol VSD Trr Qrr
Min. -
Typ. 16 9
Max. 1.3 -
Unit V ns nC
Test Conditions IS=5A, VGS=0V IS=10A, VGS=0V dI/dt=100A/ s
Reverse Recovery Time
Reverse Recovery Charge
Notes: 1. Pulse width limited by safe operating area. 2. Pulse width 300us, duty cycle 2%.
GJ20T03
Page: 2/4
ISSUED DATE :2005/11/24 REVISED DATE :
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Forward Characteristics of Reverse Diode
GJ20T03
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Page: 3/4
ISSUED DATE :2005/11/24 REVISED DATE :
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GJ20T03
Page: 4/4


▲Up To Search▲   

 
Price & Availability of GJ20T03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X